saw bandpass filter F4522 features z rf bandpass filter for cdma450 c-band tx. part z usable bandwidth 5mhz (450 mhz ~ 455 mhz) z high attenuation z no matching single-ended operation z ceramic surface mounted device package ( 3.0 mm 3.0mm ) z rohs compliant package dimensions 4 5 61 2 3 1 2 3 6 5 4 i 4522 pin configurations 2 input 5 output 1, 3, 4, 6 case ground dimensions shown are nominal in millimeters body : al 2 o 3 ceramic lid : kovar, ni plated terminations : au plating 0.3 ~ 1. 0 um, over a 1.27 ~ 8.89 um ni plating maximum ratings parameters unit minimum typical maximum operating temperature range c -30 25 85 storage temperature range c -40 - 85 power handling capability dbm - - 30 electrostatics sensitive device ( esd) part no. F4522 rev. date 2006-06-08 i t f co., ltd. 102-901, bucheon technopark 364, samjeong-dong, ojeong-gu, bucheon-city, gyounggi-do, korea 421-809 rev. nr5009-as02 1/7
saw bandpass filter F4522 specifications minimum typical maximum unit center frequency ( fc ) - 452.5 - mhz insertion loss (in fc +/- 2.5 mhz) - 2.0 2.8 db amplitude ripple (in fc +/- 2.5 mhz) - 0.8 1.2 db vswr (in fc +/- 2.5 mhz) - 1.5 2.0 30 25 38 27 relative attenuation 0.3 mhz ~ 347.5 mhz 347.5 mhz ~ 441.5 mhz 460.0 mhz ~ 465.0 mhz 465.0 mhz ~ 1700 mhz 1700 mhz ~ 2000 mhz 20 35 30 45 32 25 - - - - -- db temperature range (operational) -30 25 85 input rf power (in fc +/- 2.5 mhz) 30 dbm input/output impedance 50 ohms notes : 1) all specifications are based on th e matching schematic shown below, measur ed by agilent network analyzer and full 2 port calibration. 2) electrical margin has been built into the design to accoun t for the variations due to temperature drift and manufacturing tolerances 3) all attenuation measurements are measured relative to insertion loss part no. F4522 rev. date 2006-06-08 i t f co., ltd. 102-901, bucheon technopark 364, samjeong-dong, ojeong-gu, bucheon-city, gyounggi-do, korea 421-809 rev. nr5009-as02 2/7
saw bandpass filter F4522 matching schematic ( actual matching values may vary due to pcb layout and parasitics ) input 50 output 50 marking configuration 1) i 2) 4522 3) 1) pad number 1 index 2) manufacturer name 3) marking number * ink or laser marking available part no. F4522 rev. date 2006-06-08 i t f co., ltd. 102-901, bucheon technopark 364, samjeong-dong, ojeong-gu, bucheon-city, gyounggi-do, korea 421-809 rev. nr5009-as02 3/7
saw bandpass filter F4522 typical performance ( at 25 ) ch1 s21 log 10 db/ ref 0 db center 452 . 500 000 mhz span 100 . 000 000 mhz cor prm 21 sep 2005 11:53:52 1 2 3 4 5 5 : -1 . 4767 db 452 . 500 000 mhz ch1 markers 1 : - . 94000 db 450 . 000 mhz 2 : -1 . 5748 db 455 . 000 mhz 3 : -50 . 298 db 460 . 000 mhz 4 : -62 . 777 db 465 . 000 mhz ch1 s21 log 1 db/ ref 0 db center 452 . 500 000 mhz span 30 . 000 000 mhz cor prm 21 sep 2005 11:57:43 1 2 2 : - . 68250 db 5. 000 000 mhz ref=1 ch1 markers mean : -1 . 3784 db s . dev : . 16070 db p-p : . 69730 db part no. F4522 rev. date 2006-06-08 i t f co., ltd. 102-901, bucheon technopark 364, samjeong-dong, ojeong-gu, bucheon-city, gyounggi-do, korea 421-809 rev. nr5009-as02 4/7
saw bandpass filter F4522 input / output vswr charts ch1 s11 swr 1 / ref 1 center 452 . 500 000 mhz span 100 . 000 000 mhz cor prm 21 sep 2005 11:54:04 1 2 3 4 5 5 : 1. 2509 452 . 500 000 mhz ch1 markers 1 : 1. 0603 450 . 000 mhz 2 : 1. 2852 455 . 000 mhz 3 : 31 . 120 460 . 000 mhz 4 : 50 . 814 465 . 000 mhz ch1 s22 swr 1 / ref 1 center 452 . 500 000 mhz span 100 . 000 000 mhz cor prm 21 sep 2005 11:54:16 1 2 3 4 5 5 : 1. 2955 452 . 500 000 mhz ch1 markers 1 : 1. 0717 450 . 000 mhz 2 : 1. 0732 455 . 000 mhz 3 : 28 . 964 460 . 000 mhz 4 : 57 . 449 465 . 000 mhz input / output smith charts ch1 s11 1 u fs center 452 . 500 000 mhz span 100 . 000 000 mhz cor prm 21 sep 2005 11:54:32 1 2 3 4 5 5 : 62 . 244 -2 . 6543 132 . 51 pf 452 . 500 000 mhz ch1 markers 1 : 50 . 891 -2 . 8262 450 . 000 mhz 2 : 63 . 477 4. 4590 455 . 000 mhz 3 : 37 . 266 -231 . 90 460 . 000 mhz 4 : 4. 4141 -92 . 957 465 . 000 mhz ch1 s22 1 u fs center 452 . 500 000 mhz span 100 . 000 000 mhz cor prm 21 sep 2005 11:54:50 1 2 3 4 5 5 : 59 . 988 -10 . 129 34 . 725 pf 452 . 500 000 mhz ch1 markers 1 : 50 . 436 -3 . 4551 450 . 000 mhz 2 : 53 . 324 1. 5078 455 . 000 mhz 3 : 46 . 250 -251 . 02 460 . 000 mhz 4 : 3. 9531 -93 . 379 465 . 000 mhz part no. F4522 rev. date 2006-06-08 i t f co., ltd. 102-901, bucheon technopark 364, samjeong-dong, ojeong-gu, bucheon-city, gyounggi-do, korea 421-809 rev. nr5009-as02 5/7
saw bandpass filter F4522 packing specification 1. reeling quantity : 3000 pcs / 13? reel ( or 1000 pcs / 7? reel ) 2. taping structure : the tape shall be wound ar ound the reel in the direction shown below. reel top cover tape carrier tape tape specification 1. leader part and vacant position specification end start tape running direction vacant 150mm min. component contained vacant 150mm min. leader part 250mm min. 2. tensile strength of carrier tape 4.4n/mm width 0~15 degree top cover tape direction of pull carrier tape 3. top cover tape adhesion 1) pull off angle : 0~15 2) speed : 300mm/min 3) force : 20~70g part no. F4522 rev. date 2006-06-08 i t f co., ltd. 102-901, bucheon technopark 364, samjeong-dong, ojeong-gu, bucheon-city, gyounggi-do, korea 421-809 rev. nr5009-as02 6/7
saw bandpass filter F4522 carrier tape dimensions [unit : mm] part no. F4522 rev. date 2006-06-08 i t f co., ltd. 102-901, bucheon technopark 364, samjeong-dong, ojeong-gu, bucheon-city, gyounggi-do, korea 421-809 rev. nr5009-as02 7/7 a 3.40 0.1 b 3.40 0.1 c 7.25 0.1 d 1.70 0.1 e 12.00 0.1 f 8.00 0.1 part direction tape running direction reel dimensions [unit : mm]
|